Part Number Hot Search : 
SDZ13VG ULLGA8 MAX1912 TND524VS 5KE200A ZXSC440 2SA201 MAX6602
Product Description
Full Text Search
 

To Download 51110-1850 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 This document was generated on 05/19/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number: Status: Overview: Description:
0511101850 Active
milligrid 2.00mm (.079") Pitch, Milli-GridTM Crimp Housing, 18 Circuits, without Center Polarization Key, without Locking Ramp, Leadfree
Documents: 3D Model Drawing (PDF)
Product Specification PS-51110-001 (PDF) RoHS Certificate of Compliance (PDF) Series image - Reference only LR19980 E29179 EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Contains SVHC: No Halogen-Free Status Not Halogen-Free Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions.
Agency Certification
CSA UL
General
Product Family Series Comments Overview Product Literature Order No Product Name Crimp Housings 51110 Applicable Wire Range: AWG #24 - #30 milligrid 987650-1991 Milli-GridTM
Physical
Circuits (maximum) Color - Resin Flammability Gender Glow-Wire Compliant Lock to Mating Part Material - Resin Number of Rows Packaging Type Panel Mount Pitch - Mating Interface (in) Pitch - Mating Interface (mm) Stackable Temperature Range - Operating 18 Black 94V-0 Female No None Polyester 2 Bag No 0.079 In 2.00 mm Yes -40C to +105C
Search Parts in this Series 51110Series Mates With 87758 Vertical, Through Hole, Stackable PCB Header, 87759 Vertical, Surface Mount, Stackable PCB Header, 87760 Right Angle, Through Hole, Stackable PCB Header, 87831 Vertical, Through Hole PCB Header, 87832 Vertical, Surface Mount PCB Header, 87833 Right Angle, Through Hole PCB Header Use With 50394 Crimp Terminals
Material Info Reference - Drawing Numbers
Product Specification Sales Drawing PS-51110-001 SD-51110-**5*
This document was generated on 05/19/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


▲Up To Search▲   

 
Price & Availability of 51110-1850

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X